PART |
Description |
Maker |
ZXTR2005K-13 ZXTR2005K-15 |
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
|
Diodes Incorporated
|
NTE5232A NTE5174A NTE5191A NTE5191AK NTE5205AK NTE |
Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 170V. Zener test current Izt = 15mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 150V. Zener test current Izt = 17mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 130V. Zener test current Izt = 19mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 110V. Zener test current Izt = 23mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 100V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 87V. Zener test current Izt = 29mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 68V. Zener test current Izt = 37mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 60V. Zener test current Izt = 43mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 51V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 47V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 43V. Zener test current Izt = 60mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 36V. Zener test current Izt = 70mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 30V. Zener test current Izt = 85mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 27V. Zener test current Izt = 95mA. Zener Diode, 10 Watt ±5% Tolerance Zener Diode, 10 Watt 【5% Tolerance Zener Diode 10 Watt 5% Tolerance Zener Diode / 10 Watt 5% Tolerance Zener Diode, 10 Watt % Tolerance Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 28V. Zener test current Izt = 90mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 33V. Zener test current Izt = 75mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 39V. Zener test current Izt = 65mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 45V. Zener test current Izt = 55mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 50V. Zener test current Izt = 50mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 56V. Zener test current Izt = 45mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 62V. Zener test current Izt = 40mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 75V. Zener test current Izt = 33mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 91V. Zener test current Izt = 28mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 105V. Zener test current Izt = 25mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 120V. Zener test current Izt = 20mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 140V. Zener test current Izt = 18mA. Zener diode, 10 watt, -5% tolerance. Nominal zener voltage Vz = 160V. Zener test current Izt = 16mA.
|
NTE[NTE Electronics] NTE Electronics, Inc. Sony, Corp.
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAX15015AATX MAX15016AATX |
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
|
MAXIM - Dallas Semiconductor
|
Z8913829ASC Z8913920FSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8-BIT MICROCONTROLLER 8位微控制
|
TOKO, Inc.
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
R1515H |
50mA VOLTAGE REGULATOR
|
RICOH electronics devices division
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
2SC3906K 2SC4102-13 |
NPN 50mA 120V High Voltage Amplifier transistors
|
Rohm
|
MJD31CQ MJD31CQ-13 MJD31CQ-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
|
Diodes Incorporated
|
|